Part Number Hot Search : 
T8303E TFS70 1N823 FBR5002W UF2001 BC857B C3225 010BN2
Product Description
Full Text Search
 

To Download 915800-9158-020-020-061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  14 9158 solo stacker general description the mobo tm series 9158 is a one-piece connector used to connect two pcbs within mobile phones, pagers, pdas, security, handheld scanners, etc. in a cost-effective manner. a standard range is available with 16, 20, 24 and 28 contacts to suit stack heights of 1.90mm to 3.30mm. other contact variants are also available up to 5.10mm, in custom housings. the solo stacker tm can allow a spacing tolerance of up to ?.30mm and still provide reliable connections between the pcbs, even if they are not parallel. solo stacker tm is designed for pcb surface mounting and is supplied in tape and reel packaging. gold plated pads on the mating pcb or suitable flex circuits provide connection between the boards. whatever your requirements this solo stacker tm can also be customized to suit your applications. key features and benefits single piece connector ?no mating half connector required to connect two boards together which means: ? reduced assembly time. ? only one part to purchase and stock. ? due to the unique contact design, the mating device does not have to be parallel. ? extremely robust when subjected to shock and vibration. ? cost effective. ? helps reduce tolerance accumulation within system. applications suitable applications include: ? mobile phones ? pda ? medical ? pmr ? industrial ? security ? handheld scanner drawings and dimensions ?b? ? 1.15 (0.045) typ 0.95 (0.037) ref week/year code 2.70 (0.106) max available vacuum placement area 7.00 (0.276) 2.70 (0.106) 4.00 (0.157) 6.00 (0.236) 4.80 (0.189) 1.90 (0.075) 0.04 (0.002) 4.20 (0.165) 3.70 - 4.00 (0.146 - 0.157) for version stack height 030 0.40 (0.016) 0/+0.20 (0/+0.008) all tails within 0.15 (0.006) max coplanarity tolerance contact pitch 1.0 (0.039) ?a? 7.00 (0.276) 2.70 (0.106) 6.00 (0.236) 4.00 (0.157) 1.05 (0.041) 1.80 (0.071) 3.30 (0.130) for version stack height 020 & 025 number of part number a b positions 16 00-9158-016-xxx-xxx 7 9.00 20 00-9158-020-xxx-xxx 9 11.00 24 00-9158-024-xxx-xxx 11 13.00 28 00-9158-028-xxx-xxx 13 15.00 a = number of contact pitches at 1mm b = connector length
15 xxx no of ways 16 = 016 20 = 020 24 = 024 28 = 028 xxx stack height 020 = 1.9mm to 2.1mm 025 = 2.1mm to 2.7mm 030 = 2.8mm to 3.3mm 06 plating variation 06 = selective gold 0.25? gold plated contact nose, pure tin tail how to order 00 prefix 00 = standard 58 = special 9158 series x pcb location bosses 1 = with pcb location bosses 2 = without pcb location bosses contact pitch 1.0 (0.039) ? 1.40 * (0.055) pad 0.70 x 1.70 (0.028 x 0.067) gold plated ?b? keep these areas free from solder resist 6.60 (0.260) contact pitch 1.0 (0.039) ? 1.40 * (0.055) pad 0.70 x 1.70 (0.028 x 0.067) gold plated ?b? keep these areas free from solder resist 6.60 (0.260) contact pitch 1.0 (0.039) 5.40 (0.213) pad 0.60 x 1.00 (0.024 x 0.039) tin plated mating pcb footprint for version stack height 020 & 030 mating pcb footprint for version stack height 025 * used for boss versions only. b dim 16 6.00 (0.236) 20 8.00 (0.315) 24 10.00 (0.394) 28 12.00 (0.472) mating standard positions special positions height 16 20 24 28 32 4 18 28 30 34 40 2mm x x x x x x 3mm x x x x x 4mm x x x x 5mm x mating pcb postions smt pcb 2mm (0.079) 3mm (0.118) 4mm (0.157) 5mm (0.197) other sizes available on request. 9158 solo stacker smt pcb footprint


▲Up To Search▲   

 
Price & Availability of 915800-9158-020-020-061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X